Part Number Hot Search : 
001140 FRX130R1 XN421F 2SK18 C106K9 D1915 IR333 MAC15
Product Description
Full Text Search
 

To Download ELM34413AA-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ELM34413AA-N general description features maximum absolute ratings thermal characteristics parameter symbol typ. max. unit note maximum junction-to-case steady-state rjc 25 c /w maximum junction-to-ambient steady-state rja 50 c /w parameter symbol limit unit note drain-source voltage vds -30 v gate-source voltage vgs 25 v continuous drain current ta=25c id -12 a ta=70c -9 pulsed drain current idm -50 a 3 power dissipation ta=25c pd 2.5 w ta=70c 1.3 junction and storage temperature range tj, tstg -55 to 150 c ELM34413AA-N uses advanced trench technology to provide excellent rds(on), low gate charge and low gate resistance. ? vds=-30v ? id=-12a ? rds(on) < 12m (vgs=-10v) ? rds(on) < 19m (vgs=-4.5v) 4 - pin configuration circuit sop-8(top view) pin no. pin name 1 source 2 source 3 source 4 gate 5 drain 6 drain 7 drain 8 drain 4 3 2 1 5 6 7 8 single p-channel mosfet s g d
2 ELM34413AA-N electrical characteristics parameter symbol condition min. typ. max. unit note static parameters drain-source breakdown voltage bvdss id=-250a, vgs=0v -30 v zero gate voltage drain current idss vds=-24v, vgs= 0v -1 a vds=-20v, vgs= 0v, tj=125c -10 gate-body leakage current igss vds=0v, vgs= 25v 100 na gate threshold voltage vgs(th) vds=vgs, id=-250 a -1.0 -1.5 -3.0 v on state drain current id(on) vgs=-10v, vds=-5v -50 a 1 static drain-source on-resistance rds(on) vgs=-10v, id=- 12a 10 12 m 1 vgs =- 4.5v, id =-9 a 15 19 m forward transconductance gfs vds =-1 0v, id =-12 a 29 s 1 diode forward voltage vsd is =if , vgs=0v -1.2 v 1 max. body -diode continuous current is -2.1 a pulsed body -diode current ism -4 a 3 dynamic parameters input capacitance ciss vgs=0v, vds=-15v, f=1mhz 3450 pf output capacitance coss 1000 pf reverse transfer capacitance crss 414 pf switching parameters total gate charge qg vgs=-10v, vds=-15v id=-12a 34.5 48.3 nc 2 gate-source charge qgs 10.3 nc 2 gate-drain charge qgd 12.6 nc 2 turn - on delay time td(on) vgs=-10v, vds=-15v id-1a, rgen=6 13.8 ns 2 turn - on rise time tr 18.4 ns 2 turn - off delay time td(off) 57.5 ns 2 turn - off fall time tf 115.0 ns 2 ta=25 c single p-channel mosfet 4 - note : 1. pulsed width300sec and duty cycle2%. 2. independent of operating temperature. 3. pulsed width limited by maximum junction temperature. 4. duty cycle 1%.
3 typical electrical and thermal characteristics ELM34413AA-N single p-channel mosfet 4 - p-channel logic level enhancement mode field effect transistor p1203evg sop-8 lead-free niko-sem 3 mar-30-2006 body diode forward voltage variation with source current and temperature 25c -v - body diode forward voltage(v) 0.6 0.1 -is - reverse drain current(a) 0.0001 0 0.001 0.01 sd 0.2 0.4 v = 0v 10 1 100 t = 125c a gs 0.8 1.0 -55c 1.2
4 ELM34413AA-N single p-channel mosfet 4 - p-channel logic level enhancement mode field effect transistor p1203evg sop-8 lead-free niko-sem 5 mar-30-2006


▲Up To Search▲   

 
Price & Availability of ELM34413AA-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X